Part Number Hot Search : 
UT258 335M5 1N5927B MC10H125 E004703 2102A LT8300 C472M
Product Description
Full Text Search
 

To Download 0395140002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 02/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0395140002 Active
3.81mm (.150") Pitch EurostyleTM Horizontal Plug, with Retention Screws, 2 Circuits
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39514 Wire-to-Board Plug USA-355 ESE, EurostyleTMPluggable Euro Block image - Reference only
Series
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 2 Vertical Yes 1 Horizontal No 0.150 In 3.81 mm Yes No -40C to +105C 16, 18, 20, 22, 24 0.20 - 1.31
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Electrical
Current - Maximum Voltage - Maximum 8A 300V
Search Parts in this Series 39514Series Mates With Most 3.81mm (.150") Pitch Industry Standard PCB Headers, 39515 Vertical PCB Header with Threaded Retention Inserts, 39516 Horizontal PCB Header with Threaded Retention Inserts
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39514-001
This document was generated on 02/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black Circ uit size None 100% Tin Printing Options 10A 395140102 395140103 395140104 395140105 395140106 395140107 395140108 395140109 395140110 395140111 395140112 395140113 395140114 395140115 395140116 395140117 395140118 395140119 395140120 11A 395140202 395140203 395140204 395140205 395140206 395140207 395140208 395140209 395140210 395140211 395140212 395140213 395140214 395140215 395140216 395140217 395140218 395140219 395140220 None 395140502 395140503 395140504 395140505 395140506 395140507 395140508 395140509 395140510 395140511 395140512 395140513 395140514 395140515 395140516 395140517 395140518 395140519 395140520 30 u" Gold Pr inting Options 10A 395140602 395140603 395140604 395140605 395140606 395140607 395140608 395140609 395140610 395140611 395140612 395140613 395140614 395140615 395140616 395140617 395140618 395140619 395140620 11A 395140702 395140703 395140704 395140705 395140706 395140707 395140708 395140709 395140710 395140711 395140712 395140713 395140714 395140715 395140716 395140717 395140718 395140719 395140720 None 395145002 395145003 395145004 395145005 395145006 395145007 395145008 395145009 395145010 395145011 395145012 395145013 395145014 395145015 395145016 395145017 395145018 395145019 395145020 100% Tin Pr inting Options 10A 395145102 395145103 395145104 395145105 395145106 395145107 395145108 395145109 395145110 395145111 395145112 395145113 395145114 395145115 395145116 395145117 395145118 395145119 395145120 11A 395145202 395145203 395145204 395145205 395145206 395145207 395145208 395145209 395145210 395145211 395145212 395145213 395145214 395145215 395145216 395145217 395145218 395145219 395145220 None 395145502 395145503 395145504 395145505 395145506 395145507 395145508 395145509 395145510 395145511 395145512 395145513 395145514 395145515 395145516 395145517 395145518 395145519 395145520 Green 30 u" Gold Printing Options 10A 395145602 395145603 395145604 395145605 395145606 395145607 395145608 395145609 395145610 395145611 395145612 395145613 395145614 395145615 395145616 395145617 395145618 395145619 395145620 11A 395145702 395145703 395145704 395145705 395145706 395145707 395145708 395145709 395145710 395145711 395145712 395145713 395145714 395145715 395145716 395145717 395145718 395145719 395145720 mm 18.0 21.8 25.6 29.4 33.3 37.1 40.9 44.7 48.5 52.3 56.1 59.9 63.7 67.5 71.4 75.2 79.0 82.8 86.6 Dim. A inch .71 .86 1.01 1.16 1.31 1.46 1.61 1.76 1.91 2.06 2.21 2.36 2.51 2.66 2.81 2.96 3.11 3.26 3.41 mm 3.8 7.6 11.4 15.2 19.1 22.9 26.7 30.5 34.3 38.1 41.9 45.7 49.5 53.3 57.2 61.0 64.8 68.6 72.4 Dim B inch .15 .30 .45 .60 .75 .90 1.05 1.20 1.35 1.50 1.65 1.80 1.95 2.10 2.25 2.40 2.55 2.70 2.85 mm 12.8 16.6 20.4 24.2 28.1 31.9 35.7 39.5 43.3 47.1 50.9 54.7 58.5 62.3 66.2 70.0 73.8 77.6 81.4 Dim C inch .50 .65 .80 .95 1.10 1.25 1.40 1.55 1.70 1.85 2.00 2.15 2.30 2.45 2.60 2.75 2.90 3.05 3.20 mm 8.4 12.2 16.0 19.8 23.7 27.5 31.3 35.1 38.9 42.7 46.5 50.3 54.1 57.9 61.8 65.6 69.4 73.2 77.0 Dim D inch .33 .48 .63 .78 .93 1.08 1.23 1.38 1.53 1.68 1.83 1.98 2.13 2.28 2.43 2.58 2.73 2.88 3.03 Dimens ional Inf ormation
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
395140002 395140003 395140004 395140005 395140006 395140007 395140008 395140009 395140010 395140011 395140012 395140013 395140014 395140015 395140016 395140017 395140018 395140019 395140020


▲Up To Search▲   

 
Price & Availability of 0395140002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X